Part Number Hot Search : 
107D06TL ACT32 MAX9775 MX29L NAD024 AN650 10524 CXA38
Product Description
Full Text Search
 

To Download IRFZ44NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
GENERAL DESCRIPTION
N-channel enhancement mode standard level field-effect power transistor in a surface mounting plastic envelope using 'trench' technology. The device features very low on-state resistance and has integral zener diodes giving ESD protection up to 2kV. It is intended for use in switched mode power supplies and general purpose switching applications.
IRFZ44NS
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance VGS = 10 V MAX. 55 49 110 175 22 UNIT V A W C m
PINNING - SOT404 (D2PAK)
PIN 1 2 3 mb gate drain source drain DESCRIPTION
PIN CONFIGURATION
mb
SYMBOL
d
g
2 1 3
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg, Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage & operating temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 55 55 20 49 35 160 110 175 UNIT V V V A A A W C
ESD LIMITING VALUE
SYMBOL VC PARAMETER Electrostatic discharge capacitor voltage, all pins CONDITIONS Human body model (100 pF, 1.5 k) MIN. MAX. 2 UNIT kV
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS Minimum footprint, FR4 board TYP. 50 MAX. 1.4 UNIT K/W K/W
February 1999
1
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
STATIC CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IGSS V(BR)GSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate source leakage current CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VDS = 55 V; VGS = 0 V; VGS = 10 V; VDS = 0 V Tj = 175C Tj = 175C Tj = 175C MIN. 55 50 2.0 1.0 16 TYP. 3.0 0.05 0.04 15 -
IRFZ44NS
MAX. 4.0 4.4 10 500 1 20 22 42
UNIT V V V V A A A A V m m
Gate source breakdown voltage IG = 1 mA; Drain-source on-state VGS = 10 V; ID = 25 A resistance
DYNAMIC CHARACTERISTICS
Tmb = 25C unless otherwise specified SYMBOL gfs Ciss Coss Crss Qg Qgs Qgd td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Total gate charge Gate-cource charge Gate-drain (miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 25 A VGS = 0 V; VDS = 25 V; f = 1 MHz MIN. 6 TYP. 1350 330 155 18 50 40 30 2.5 7.5 MAX. 1800 400 215 62 15 26 26 75 50 40 UNIT S pF pF pF nC nC nC ns ns ns ns nH nH
VDD = 44 V; ID = 50 A; VGS = 10 V
VDD = 30 V; ID = 25 A; VGS = 10 V; RG = 10 Resistive load Measured from upper edge of drain tab to centre of die Measured from source lead soldering point to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 40 A; VGS = 0 V IF = 40 A; -dIF/dt = 100 A/s; VGS = -10 V; VR = 30 V TYP. 0.95 1.0 47 0.15 MAX. 49 160 1.2 UNIT A A V ns C
February 1999
2
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
AVALANCHE LIMITING VALUE
SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 45 A; VDD 25 V; VGS = 10 V; RGS = 50 ; Tmb = 25 C MIN. TYP. -
IRFZ44NS
MAX. 110
UNIT mJ
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1000 ID/A RDS(ON) =VDS/ID 100 tp = 1 us 10us 100 us DC 10 1 ms 10ms 100ms
0
20
40
60
80 100 Tmb / C
120
140
160
180
1
1
10
VDS/V
100
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
Normalised Current Derating
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Zth/(K/W)
120 110 100 90 80 70 60 50 40 30 20 10 0
ID%
10
1 0.5 0.2 0.1 0.1 0.05 0.02 0.01 0 tp T t
P D
tp
D=
T
0
20
40
60
80 100 Tmb / C
120
140
160
180
0.001
1E-06
0.0001
0.01 t/s
1
100
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
February 1999
3
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
IRFZ44NS
100
16 10
9 8.5
30
VGS/V = 8.0 7.5
ID/A
80
gfs/S
25
20
60
7.0
15
6.5
40
6.0
20
10
5.5 5.0 4.5 10 4.0
5
0
0
0
2
4
VDS/V
6
8
0
20
40
ID/A
60
80
100
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON)/mOhm VGS/V = 6
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
BUK959-60
40
2.5
a
Rds(on) normlised to 25degC
35
2
30 6.5 7 25 8 20 9 10
1.5
1
15
10
0
10
20
30
40
ID/A
50
60
70
80
90
0.5 -100
-50
0
50 Tmb / degC
100
150
200
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
100 ID/A 80
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 25 A; VGS = 10 V
VGS(TO) / V max. 4 typ.
BUK759-60
5
60
3 min.
40
2
20 Tj/C = 0 175 25
1
0
2
4
6 VGS/V
8
10
12
0 -100
-50
0
50 Tj / C
100
150
200
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
February 1999
4
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
IRFZ44NS
1E-01
Sub-Threshold Conduction
100 IF/A 80
1E-02 2% typ 98%
60 Tj/C = 40 175 25
1E-03
1E-04
20
1E-05
0
1E-06
0
0.2
0.4
0
1
2
3
4
5
0.6 0.8 VSDS/V
1
1.2
1.4
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
2.5
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
WDSS%
120 110 100 90 80
2
Thousands pF
1.5 Ciss 1
70 60 50 40 30 20
Coss Crss
.5
10 0 20 40 60 80 100 120 Tmb / C 140 160 180
0 0.01
0.1
1
VDS/V
10
100
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
12 VGS/V 10 VDS = 14V 8 VDS = 44V 6
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 49 A
+
L VDS VGS 0 RGS T.U.T. R 01 shunt
VDD
-ID/100
4
2
0
0
10
20
QG/nC
30
40
50
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 50 A; parameter VDS
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
February 1999
5
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
IRFZ44NS
+
RD VDS VGS 0 RG T.U.T.
VDD
-
Fig.17. Switching test circuit.
February 1999
6
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
MECHANICAL DATA
Plastic single-ended package (Philips version of D2-PAK); 2 leads SOT404
IRFZ44NS
A E A1
D1
D HD
Lp
b e e
c Q
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D 9.65 8.65 D1 1.6 1.2 E 10.3 9.7 e 2.54 Lp 2.9 2.1 HD 15.4 14.8 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-06-16
Fig.18. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
February 1999
7
Rev 1.000
Philips Semiconductors
Product specification
N-channel enhancement mode TrenchMOSTM transistor
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
IRFZ44NS
9.0
17.5 2.0
3.8
5.08
Fig.19. SOT404 : soldering pattern for surface mounting.
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
February 1999
8
Rev 1.000


▲Up To Search▲   

 
Price & Availability of IRFZ44NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X